Part Number Hot Search : 
DFLZ13 TIP29C XTC20 12S15 160MT80K A5941 CPDU5V0 AS339A
Product Description
Full Text Search
 

To Download NTS0102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the NTS0102 is a 2-bit, dual supply translat ing transceiver with auto direction sensing, that enables bidirectional voltage level translation. it features two 2-bit input-output ports (an and bn), one output enable in put (oe) and two supply pins (v cc(a) and v cc(b) ). v cc(a) can be supplied at any voltage between 1.65 v and 3.6 v and v cc(b) can be supplied at any voltage between 2.3 v and 5.5 v, making the device suitable for translating between any of the voltage nodes (1.8 v, 2.5 v, 3.3 v and 5.0 v). pins an and oe are referenced to v cc(a) and pins bn are referenced to v cc(b) . a low level at pin oe causes the outputs to assume a high-impedance off-state. this devi ce is fully specified for partial power-down applications using i off . the i off circuitry disables the output, preventing the damaging backflow current through the de vice when it is powered down. 2. features and benefits ? wide supply voltage range: ? v cc(a) : 1.65 v to 3.6 v and v cc(b) : 2.3 v to 5.5 v ? maximum data rates: ? push-pull: 50 mbps ? i off circuitry provides partial power-down mode operation ? inputs accept voltages up to 5.5 v ? esd protection: ? hbm jesd22-a114e class 2 exceeds 2500 v for a port ? hbm jesd22-a114e class 3b exceeds 8000 v for b port ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1500 v ? latch-up performance exceeds 100 ma per jesd 78b class ii ? multiple package options ? specified from ? 40 cto+85 c and ? 40 cto+125 c 3. applications ? i 2 c/smbus ? uart ? gpio NTS0102 dual supply translating tr ansceiver; open drain; auto direction sensing rev. 2 ? 11 april 2011 product data sheet
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 2 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing 4. ordering information 5. marking 6. functional diagram table 1. ordering information type number package temperature range name description version NTS0102dp ? 40 c to +125 c tssop8 plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505-2 NTS0102gt ? 40 cto+125 c xson8 plastic extremely thin small outline package; no leads; 8 terminals; body 1 1.95 0.5 mm sot833-1 NTS0102gd ? 40 cto+125 c xson8u plastic extremely th in small outline package; no leads; 8 terminals; utlp based; body 3 2 0.5 mm sot996-2 NTS0102gf ? 40 c to +125 c xson8 extremely thin small outline package; no leads; 8 terminals; body 1.35 1 0.5 mm sot1089 NTS0102gu ? 40 c to +125 c xqfn10 plastic, extremely thin quad flat package; no leads; 10 terminals; body 1.40 1.80 0.50 mm sot1160-1 table 2. marking type number marking code NTS0102dp s02 NTS0102gt s02 NTS0102gd s02 NTS0102gf s2 NTS0102gu s2 fig 1. logic symbol 001aal90 5 v cc(a) v cc(b) 1 8 b2 b1 4 6 5 a2 oe gate bias a1 gate bias
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 3 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing 7. pinning information 7.1 pinning fig 2. pin configuration sot505-2 (tssop8) fig 3. pin configuration sot833-1 (xson8) and sot1089 (xson8) NTS0102 b2 b1 gnd v cc(b) v cc(a) oe a2 a1 001aam488 1 2 3 4 6 5 8 7 NTS0102 oe v cc(b) b1 a1 v cc(a) gnd b2 a2 001aam489 36 27 18 45 transparent top view fig 4. pin configuration sot996-2 (xson8u) fi g 5. pin configuration sot1160-1 (xqfn10) 001aam490 NTS0102 transparent top view 8 7 6 5 1 2 3 4 b2 gnd v cc(a) a2 b1 v cc(b) oe a1 NTS0102 5 b2 n.c. 4 oe 3 b1 8 10 gnd 9 a1 7 n.c. 6v cc(b) a2 1 v cc(a) 2 terminal 1 index area 001aam55 9 transparent top view
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 4 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing 7.2 pin description 8. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. [2] when either v cc(a) or v cc(b) is at gnd level, the device goes into power-down mode. 9. limiting values table 3. pin description symbol pin description sot505-2, sot833-1, sot1089 and sot996-2 sot1160-1 b2, b1 1, 8 5, 8 data input or output (referenced to v cc(b) ) gnd 2 9 ground (0 v) v cc(a) 3 2 supply voltage a a2, a1 4, 5 1, 10 data input or output (referenced to v cc(a) ) oe 6 4 output enable input (active high; referenced to v cc(a) ) v cc(b) 7 6 supply voltage b n.c. - 3, 7 not connected table 4. function table [1] supply voltage input input/output v cc(a) v cc(b) oe an bn 1.65 v to v cc(b) 2.3 v to 5.5 v l z z 1.65 v to v cc(b) 2.3 v to 5.5 v h input or output output or input gnd [2] gnd [2] xzz table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc(a) supply voltage a ? 0.5 +6.5 v v cc(b) supply voltage b ? 0.5 +6.5 v v i input voltage a port and oe input [1] [2] ? 0.5 +6.5 v b port [1] [2] ? 0.5 +6.5 v v o output voltage active mode [1] [2] a or b port ? 0.5 v cco +0.5 v power-down or 3-state mode [1] a port ? 0.5 +4.6 v b port ? 0.5 +6.5 v i ik input clamping current v i <0v ? 50 - ma i ok output clamping current v o <0v ? 50 - ma i o output current v o =0vtov cco [2] - 50 ma i cc supply current i cc(a) or i cc(b) -100ma
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 5 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing [1] the minimum input and minimum output voltage ratings may be e xceeded if the input and output current ratings are observed. [2] v cco is the supply voltage associated with the output. [3] for tssop8 package: above 55 c the value of p tot derates linearly with 2.5 mw/k. for xson8 and xson8u packages: above 118 c the value of p tot derates linearly with 7.8 mw/k. for xqfn10 package: above 128 c the value of p tot derates linearly with 11.5 mw/k. 10. recommended operating conditions [1] the a and b sides of an unused i/o pair must be held in the same state, both at v cci or both at gnd. [2] v cc(a) must be less than or equal to v cc(b) . 11. static characteristics i gnd ground current ? 100 - ma t stg storage temperature ? 65 +150 c p tot total power dissipation t amb = ? 40 c to +125 c [3] -250mw table 5. limiting values ?continued in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit table 6. recommended operating conditions [1] [2] symbol parameter conditions min max unit v cc(a) supply voltage a 1.65 3.6 v v cc(b) supply voltage b 2.3 5.5 v t amb ambient temperature ? 40 +125 c t/ v input transition rise and fall rate a or b port; push-pull driving v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v - 10 ns/v oe input v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v - 10 ns/v table 7. typical static characteristics at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v); t amb = 25 c. symbol parameter conditions min typ max unit i i input leakage current oe input; v i = 0 v to 3.6 v; v cc(a) =1.65vto3.6v; v cc(b) = 2.3 v to 5.5 v -- 1 a i oz off-state output current a or b port; v o =0vorv cco ; v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v [1] -- 1 a i off power-off leakage current a port; v i or v o = 0 v to 3.6 v; v cc(a) =0v;v cc(b) =0vto5.5v -- 1 a b port; v i or v o = 0 v to 5.5 v; v cc(b) =0v;v cc(a) =0vto3.6v -- 1 a c i input capacitance oe input; v cc(a) = 3.3 v; v cc(b) =3.3v - 1 - pf
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 6 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing [1] v cco is the supply voltage associated with the output. c i/o input/output capacitance a port - 5 - pf b port - 8.5 - pf a or b port; v cc(a) = 3.3 v; v cc(b) =3.3v - 11 - pf table 7. typical static characteristics ?continued at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v); t amb = 25 c. symbol parameter conditions min typ max unit table 8. typical supply current at recommended operating conditions; voltag es are referenced to gnd (ground = 0 v); t amb = 25 c. v cc(a) v cc(b) unit 2.5 v 3.3 v 5.0 v i cc(a) i cc(b) i cc(a) i cc(b) i cc(a) i cc(b) 1.8 v 0.1 0.5 0.1 1.5 0.1 4.6 a 2.5 v 0.1 0.1 0.1 0.8 0.1 3.8 a 3.3 v - - 0.1 0.1 0.1 2.8 a table 9. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min max min max v ih high-level input voltage a port v cc(a) = 1.65 v to 1.95 v; v cc(b) = 2.3 v to 5.5 v [1] v cci ? 0.2 - v cci ? 0.2 - v v cc(a) = 2.3 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v [1] v cci ? 0.4 - v cci ? 0.4 - v b port v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v [1] v cci ? 0.4 - v cci ? 0.4 - v oe input v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v 0.65v cc(a) -0.65v cc(a) -v v il low-level input voltage a or b port v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v - 0.15 - 0.15 v oe input v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v - 0.35v cc(a) - 0.35v cc(a) v v oh high-level output voltage i o = ? 20 a v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v [2] 0.67v cco - 0.67v cco -v v ol low-level output voltage a or b port; i o =1 ma [2] v i 0.15 v; v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v - 0.4 - 0.4 v
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 7 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing [1] v cci is the supply voltage associated with the input. [2] v cco is the supply voltage associated with the output. 12. dynamic characteristics i i input leakage current oe input; v i = 0 v to 3.6 v; v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v - 2- 12 a i oz off-state output current a or b port; v o =0vorv cco ; v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v [2] - 2- 12 a i off power-off leakage current a port; v i or v o = 0 v to 3.6 v; v cc(a) =0v;v cc(b) =0vto5.5v - 2- 12 a b port; v i or v o = 0 v to 3.6 v; v cc(b) =0v;v cc(a) =0vto3.6v - 2- 12 a i cc supply current v i = 0 v or v cci ; i o = 0 a [1] i cc(a) v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v -2.4 - 15 a v cc(a) = 3.6 v; v cc(b) = 0 v - 2.2 - 15 a v cc(a) = 0 v; v cc(b) =5.5v - ? 1- ? 8 a i cc(b) v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v -12 - 30 a v cc(a) = 3.6 v; v cc(b) =0v - ? 1- ? 5 a v cc(a) = 0 v; v cc(b) =5.5v - 1 - 6 a i cc(a) + i cc(b) v cc(a) = 1.65 v to 3.6 v; v cc(b) = 2.3 v to 5.5 v - 14.4 - 30 a table 9. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions ? 40 c to +85 c ? 40 c to +125 c unit min max min max table 10. dynamic characteristics for temperature range ? 40 c to +85 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max v cc(a) = 1.8 v 0.15 v t phl high to low propagation delay a to b - 4.6 - 4.7 - 5.8 ns t plh low to high propagation delay a to b - 6.8 - 6.8 - 7.0 ns t phl high to low propagation delay b to a - 4.4 - 4.5 - 4.7 ns t plh low to high propagation delay b to a - 5.3 - 4.5 - 0.5 ns
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 8 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing t en enable time oe to a; b - 200 - 200 - 200 ns t dis disable time oe to a; no external load [2] -25-25-25ns oe to b; no external load [2] -25-25-25ns oe to a - 230 - 230 - 230 ns oe to b - 200 - 200 - 200 ns t tlh low to high output transition time a port 3.2 9.5 2.3 9.3 1.8 7.6 ns b port 3.3 10.8 2.7 9.1 2.7 7.6 ns t thl high to low output transition time a port 2.0 5.9 1.9 6.0 1.7 13.3 ns b port 2.9 7.6 2.8 7.5 2.8 10.0 ns t sk(o) output skew time between channels [3] - 0.7 - 0.7 - 0.7 ns t w pulse width data inputs 20 - 20 - 20 - ns f data data rate - 50 - 50 - 50 mbps v cc(a) = 2.5 v 0.2 v t phl high to low propagation delay a to b - 3.2 - 3.3 - 3.4 ns t plh low to high propagation delay a to b - 3.5 - 4.1 - 4.4 ns t phl high to low propagation delay b to a - 3.0 - 3.6 - 4.3 ns t plh low to high propagation delay b to a - 2.5 - 1.6 - 0.7 ns t en enable time oe to a; b - 200 - 200 - 200 ns t dis disable time oe to a; no external load [2] -20-20-20ns oe to b; no external load [2] -20-20-20ns oe to a - 200 - 200 - 200 ns oe to b - 200 - 200 - 200 ns t tlh low to high output transition time a port 2.8 7.4 2.6 6.6 1.8 6.2 ns b port 3.2 8.3 2.9 7.9 2.4 6.8 ns t thl high to low output transition time a port 1.9 5.7 1.9 5.5 1.8 5.3 ns b port 2.2 7.8 2.4 6.7 2.6 6.6 ns t sk(o) output skew time between channels [3] - 0.7 - 0.7 - 0.7 ns t w pulse width data inputs 20 - 20 - 20 - ns f data data rate - 50 - 50 - 50 mbps v cc(a) = 3.3 v 0.3 v t phl high to low propagation delay a to b - - - 2.4 - 3.1 ns t plh low to high propagation delay a to b - - - 4.2 - 4.4 ns table 10. dynamic characteristics for temperature range ? 40 c to +85 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 9 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing [1] t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . [2] delay between oe going low and wh en the outputs are actually disabled. [3] skew between any two outputs of the same package switching in the same direction. t phl high to low propagation delay b to a - - - 2.5 - 3.3 ns t plh low to high propagation delay b to a - - - 2.5 - 2.6 ns t en enable time oe to a; b - - - 200 - 200 ns t dis disable time oe to a; no external load [2] ---15-15ns oe to b; no external load [2] ---15-15ns oe to a - - - 260 - 260 ns oe to b - - - 200 - 200 ns t tlh low to high output transition time a port - - 2.3 5.6 1.9 5.9 ns b port - - 2.5 6.4 2.1 7.4 ns t thl high to low output transition time a port - - 2.0 5.4 1.9 5.0 ns b port - - 2.3 7.4 2.4 7.6 ns t sk(o) output skew time between channels [3] ---0.7-0.7ns t w pulse width data inputs - - 20 - 20 - ns f data data rate - - - 50 - 50 mbps table 10. dynamic characteristics for temperature range ? 40 c to +85 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max table 11. dynamic characteristics for temperature range ? 40 c to +125 c [1] voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max v cc(a) = 1.8 v 0.15 v t phl high to low propagation delay a to b - 5.8 - 5.9 - 7.3 ns t plh low to high propagation delay a to b - 8.5 - 8.5 - 8.8 ns t phl high to low propagation delay b to a - 5.5 - 5.7 - 5.9 ns t plh low to high propagation delay b to a - 6.7 - 5.7 - 0.7 ns t en enable time oe to a; b - 200 - 200 - 200 ns
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 10 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing t dis disable time oe to a; no external load [2] -30-30-30ns oe to b; no external load [2] -30-30-30ns oe to a - 250 - 250 - 250 ns oe to b - 220 - 220 - 220 ns t tlh low to high output transition time a port 3.2 11.9 2.3 11.7 1.8 9.5 ns b port 3.3 13.5 2.7 11.4 2.7 9.5 ns t thl high to low output transition time a port 2.0 7.4 1.9 7.5 1.7 16.7 ns b port 2.9 9.5 2.8 9.4 2.8 12.5 ns t sk(o) output skew time between channels [3] - 0.8 - 0.8 - 0.8 ns t w pulse width data inputs 20 - 20 - 20 - ns f data data rate - 50 - 50 - 50 mbps v cc(a) = 2.5 v 0.2 v t phl high to low propagation delay a to b - 4.0 - 4.2 - 4.3 ns t plh low to high propagation delay a to b - 4.4 - 5.2 - 5.5 ns t phl high to low propagation delay b to a - 3.8 - 4.5 - 5.4 ns t plh low to high propagation delay b to a - 3.2 - 2.0 - 0.9 ns t en enable time oe to a; b - 200 - 200 - 200 ns t dis disable time oe to a; no external load [2] -25-25-25ns oe to b; no external load [2] -25-25-25ns oe to a - 220 - 220 - 220 ns oe to b - 220 - 220 - 220 ns t tlh low to high output transition time a port 2.8 9.3 2.6 8.3 1.8 7.8 ns b port 3.2 10.4 2.9 9.7 2.4 8.3 ns t thl high to low output transition time a port 1.9 7.2 1.9 6.9 1.8 6.7 ns b port 2.2 9.8 2.4 8.4 2.6 8.3 ns t sk(o) output skew time between channels [3] - 0.8 - 0.8 - 0.8 ns t w pulse width data inputs 20 - 20 - 20 - ns f data data rate - 50 - 50 - 50 mbps v cc(a) = 3.3 v 0.3 v t phl high to low propagation delay a to b - - - 3.0 - 3.9 ns t plh low to high propagation delay a to b - - - 5.3 - 5.5 ns table 11. dynamic characteristics for temperature range ? 40 c to +125 c [1] ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 11 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing [1] t en is the same as t pzl and t pzh . t dis is the same as t plz and t phz . [2] delay between oe going low and wh en the outputs are actually disabled. [3] skew between any two outputs of the same package switching in the same direction. 13. waveforms t phl high to low propagation delay b to a - - - 3.2 - 4.2 ns t plh low to high propagation delay b to a - - - 3.2 - 3.3 ns t en enable time oe to a; b - - - 200 - 200 ns t dis disable time oe to a; no external load [2] - - - 20 - 20 ns oe to b; no external load [2] - - - 20 - 20 ns oe to a - - - 280 - 280 ns oe to b - - - 220 - 220 ns t tlh low to high output transition time a port - - 2.3 7.0 1.9 7.4 ns b port - - 2.5 8.0 2.1 9.3 ns t thl high to low output transition time a port - - 2.0 6.8 1.9 6.3 ns b port - - 2.3 9.3 2.4 9.5 ns t sk(o) output skew time between channels [3] - - - 0.8 - 0.8 ns t w pulse width data inputs - - 20 - 20 - ns f data data rate - - - 50 - 50 mbps table 11. dynamic characteristics for temperature range ? 40 c to +125 c [1] ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 8 ; for wave forms see figure 6 and figure 7 . symbol parameter conditions v cc(b) unit 2.5 v 0.2 v 3.3 v 0.3 v 5.0 v 0.5 v min max min max min max measurement points are given in table 12 . v ol and v oh are typical output voltage levels that occur with the output load. fig 6. the data input (an, bn) to data output (bn, an) propagation delay times 001aal91 8 t plh t phl v m v m bn, an output an, bn input v i gnd v oh v ol t thl t tlh 90 % 10 %
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 12 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing [1] v cci is the supply voltage associated with the input. [2] v cco is the supply voltage associated with the output. measurement points are given in table 12 . v ol and v oh are typical output voltage levels that occur with the output load. fig 7. enable and disable times 001aal91 9 t plz t phz outputs disabled outputs enabled outputs enabled output low-to-off off-to-low output high-to-off off-to-high oe input v oh v cco gnd v ol gnd v i t pzl t pzh v y v m v m v x v m table 12. measurement points [1] [2] supply voltage input output v cco v m v m v x v y 1.8 v 0.15 v 0.5v cci 0.5v cco v ol + 0.15 v v oh ? 0.15 v 2.5 v 0.2 v 0.5v cci 0.5v cco v ol + 0.15 v v oh ? 0.15 v 3.3 v 0.3 v 0.5v cci 0.5v cco v ol + 0.3 v v oh ? 0.3 v 5.0 v 0.5 v 0.5v cci 0.5v cco v ol + 0.3 v v oh ? 0.3 v
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 13 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing [1] v cci is the supply voltage associated with the input. [2] for measuring data rate, pulse width, propagati on delay and output rise and fall measurements, r l = 1 m ; for measuring enable and disable times, r l = 50 k . [3] v cco is the supply voltage associated with the output. test data is given in table 13 . all input pulses are supplied by generators having the following characteristics: prr 10 mhz; z o = 50 ; dv/dt 1.0 v/ns. r l = load resistance. c l = load capacitance including jig and probe capacitance. v ext = external voltage for measuring switching times. fig 8. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aal96 3 v ext v cc v i v o dut c l r l r l g table 13. test data supply voltage input load v ext v cc(a) v cc(b) v i [1] t/ v c l r l [2] t plh , t phl t pzh , t phz t pzl , t plz [3] 1.65 v to 3.6 v 2.3 v to 5.5 v v cci 1.0ns/v 15pf 50k , 1 m open open 2v cco
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 14 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing 14. application information 14.1 applications voltage level-translation applications. the NTS0102 can be used in point-to-point applications to interface be tween devices or systems oper ating at different supply voltages. the device is primarily targeted at i 2 c or 1-wire which use open-drain drivers, it may also be used in applications where push-pull drivers are connected to the ports, however the ntb0102 ma y be more suitable. 14.2 architecture the architecture of the NTS0102 is shown in figure 10 . the device does not require an extra input signal to control the direction of data flow from a to b or b to a. the NTS0102 is a "switch" type voltage translat or, it employs two key circuits to enable voltage translation: 1. a pass-gate transistor (n-channel) that ties the ports together. 2. an output edge-rate accelerator that detects and accelerates rising edges on the i/o pins. fig 9. typical operating circuit 001aam49 1 1.8 v system controller 3.3 v system 1.8 v 3.3 v 0.1 f 0.1 f 1 f v cc(a) oe a1 data data NTS0102 a2 b1 b2 v cc(b) fig 10. architecture of NTS0102 i/o cell (one channel) 001aal96 5 v cc(a) v cc(b) ab 10 k 10 k t1 t3 t2 one shot one shot gate bias
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 15 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing the gate bias voltage of the pass gate tran sistor (t3) is set at approximately one threshold voltage above the v cc level of the low-voltage side. during a low-to-high transition the output one-shot accelerates the output transition by switching on the pmos transistors (t1, t2) bypassing the 10 k pull-up resistors and increasing current drive capability. the one-shot is activated once th e input transition re aches approximately v cci /2; it is de-activated approximately 50 ns after the output reaches v cco /2. during the acceleration time the driver output re sistance is between approximately 50 and 70 . to avoid signal contention and minimize dynamic i cc , the user should wait for the one-shot circuit to turn-off before applying a signal in the opposite direction. pull-up resistors are included in the device for dc current sourcing capability. 14.3 input driver requirements as the NTS0102 is a switch type translator, prope rties of the input driver directly effect the output signal. the external open-drain or push-pull driver applied to an i/o determines the static current sinking capability of the s ystem; the max data rate , high-to-low output transition time (t thl ) and propagation delay (t phl ) are dependent upon the output impedance and edge-rate of the external driver. the limits provided for these parameters in the datasheet assume a driver with output impedance below 50 is used. 14.4 output load considerations the maximum lumped capacitive load that can be driven is dependant upon the one-shot pulse duration. in cases with very heavy capacitive loading there is a risk that the output will not reach the positive rail wi thin the one-sho t pulse duration. to avoid excessive capacitive loading and to ens ure correct triggering of the one-shot it's recommended to use short trace lengths and low capacitance connectors on NTS0102 pcb layouts. to ensure low im pedance termination and avoid output signal oscillations and one-shot re-triggering, t he length of the pcb trace should be such that the round trip delay of any reflection is within the one-sh ot pulse duration (app roximately 50 ns). 14.5 power up during operation v cc(a) must never be higher than v cc(b) , however during power-up v cc(a) v cc(b) does not damage the device, so eith er power supply can be ramped up first. there is no special power-up sequencing required. the NTS0102 includes circuitry that disables all output ports when either v cc(a) or v cc(b) is switched off. 14.6 enable and disable an output enable input (oe) is used to disable the device. setting oe = low causes all i/os to assume the high-impedance off-state. the disable time (t dis with no external load) indicates the delay betwee n when oe goes low and when outputs actually become disabled. the enable time (t en ) indicates the amount of time the user must allow for one one-shot circuitry to beco me operational after oe is taken high. to ensure the high-impedance off-state during power-up or power-down, pin oe should be tied to gnd through a pull-down resistor, the mi nimum value of the resistor is determined by the current-sourcing capability of the driver.
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 16 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing 14.7 pull-up or pull-down resistors on i/os lines each a port i/o has an internal 10 k pull-up resistor to v cc(a) , and each b port i/o has an internal 10 k pull-up resistor to v cc(b) . if a smaller value of pull-up resistor is required, an external resistor must be added parallel to the internal 10 k , this will effect the v ol level. when oe goes low the internal pull-ups of the NTS0102 are disabled.
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 17 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing 15. package outline fig 11. package outline sot505-2 (tssop8) unit a 1 a max. a 2 a 3 b p l h e l p wy v ce d (1) e (1) z (1) references outline version european projection issue date iec jedec jeita mm 0.15 0.00 0.95 0.75 0.38 0.22 0.18 0.08 3.1 2.9 3.1 2.9 0.65 4.1 3.9 0.70 0.35 8 0 0.13 0.1 0.2 0.5 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.47 0.33 sot505-2 - - - 02-01-16 w m b p d z e 0.25 14 8 5 a 2 a 1 l p (a 3 ) detail x a l h e e c v m a x a y 2.5 5 mm 0 scale tssop8: plastic thin shrink small outline package; 8 leads; body width 3 mm; lead length 0.5 mm sot505- 2 1.1 pin 1 index
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 18 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing fig 12. package outline sot833-1 (xson8) terminal 1 index area references outline version european projection issue date iec jedec jeita sot833-1 - - - mo-252 - - - sot833- 1 07-11-14 07-12-07 dimensions (mm are the original dimensions) xson8: plastic extremely thin small outline package; no leads; 8 terminals; body 1 x 1.95 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 e 1 0 1 2 mm scale notes 1. including plating thickness. 2. can be visible in some manufacturing processes. unit mm 0.25 0.17 2.0 1.9 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.5 0.6 a (1) max 0.5 0.04 1 8 2 7 3 6 4 5 8 (2) 4 (2) a
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 19 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing fig 13. package outline sot996-2 (xson8u) references outline version european projection issue date iec jedec jeita sot996-2 - - - - - - sot996- 2 07-12-18 07-12-21 unit a max mm 0.5 0.05 0.00 0.35 0.15 3.1 2.9 0.5 1.5 0.5 0.3 0.6 0.4 0.1 0.05 a 1 dimensions (mm are the original dimensions) x son8u: plastic extremely thin small outline package; no leads; 8 terminals; utlp based; body 3 x 2 x 0.5 mm 0 1 2 mm scale b d 2.1 1.9 e e e 1 l l 1 0.15 0.05 l 2 v w 0.05 y y 1 0.1 c y c y 1 x b 14 85 e 1 e a c b v m c w m l 2 l 1 l terminal 1 index area b a d e detail x a a 1
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 20 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing fig 14. package outline sot1089 (xson8) references outline version european projection issue date iec jedec jeita sot1089 mo-252 sot1089_po 10-04-09 10-04-12 unit mm max nom min 0.5 0.04 1.40 1.35 1.30 1.05 1.00 0.95 0.55 0.35 0.35 0.30 0.27 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. x son8: extremely thin small outline package; no leads; 8 terminals; body 1.35 x 1 x 0.5 mm sot108 9 a 1 bl 1 0.40 0.35 0.32 0.20 0.15 0.12 deee 1 l 0 0.5 1 mm scale terminal 1 index area e d detail x a a 1 l l 1 b e 1 e terminal 1 index area 1 4 8 5 (4 ) (2) (8 ) (2) x
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 21 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing fig 15. package outline sot1160-1 (xqfn10) references outline version european projection issue date iec jedec jeita sot1160-1 - - - - - - - - - sot1160-1_po 09-12-28 09-12-29 unit (1) mm max nom min 0.5 0.05 0.00 0.25 0.20 0.15 1.5 1.4 1.3 1.9 1.8 1.7 0.4 0.45 0.40 0.35 0.55 0.50 0.45 0.05 a dimensions note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. x qfn10: plastic, extremely thin quad flat package; no leads; 1 0 terminals; body 1.40 x 1.80 x 0.50 mm sot1160- 1 a 1 a 3 0.127 bdeee 1 0.8 e 2 0.4 ll 1 v 0.1 wy 0.05 y 1 0.05 0 1 2 mm scale b a terminal 1 index area d e c y c y 1 x detail x a a 1 a 3 b e 1 e 2 e a c b v c w terminal 1 index area l 1 l 5 10 8 6 7 2 1 3
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 22 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing 16. abbreviations 17. revision history table 14. abbreviations acronym description cdm charged device model cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge gpio general purpose input output hbm human body model i 2 c inter-integrated circuit mm machine model pcb printed circuit board pmos positive metal oxide semiconductor smbus system management bus uart universal asynchronous receiver transmitter utlp ultra thin leadless package table 15. revision history document id release date data sheet status change notice supersedes NTS0102 v.2 20110411 product data sheet - NTS0102 v.1 modifications: ? added a typical total supply current (icc(a) + icc(b)) table. NTS0102 v.1 20100921 product data sheet - -
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 23 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing 18. legal information 18.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 18.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 18.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interrupt ion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use in automotive applications ? this nxp semiconductors product has been qua lified for use in automotive applications. the product is not desi gned, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be ex pected to result in personal injury, death or severe property or environmental dam age. nxp semiconductors accepts no liability for inclusion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this docu ment contains the product specification.
NTS0102 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2011. all rights reserved. product data sheet rev. 2 ? 11 april 2011 24 of 25 nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from national authorities. 18.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 19. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors NTS0102 dual supply translating transceiver; op en drain; auto direction sensing ? nxp b.v. 2011. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 11 april 2011 document identifier: NTS0102 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 20. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 7 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 7.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 7.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 functional description . . . . . . . . . . . . . . . . . . . 4 9 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 10 recommended operating conditions. . . . . . . . 5 11 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 12 dynamic characteristics . . . . . . . . . . . . . . . . . . 7 13 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 14 application information. . . . . . . . . . . . . . . . . . 14 14.1 applications . . . . . . . . . . . . . . . . . . . . . . . . . . 14 14.2 architecture . . . . . . . . . . . . . . . . . . . . . . . . . . 14 14.3 input driver requirements . . . . . . . . . . . . . . . . 15 14.4 output load considerations . . . . . . . . . . . . . . . 15 14.5 power up . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 14.6 enable and disable . . . . . . . . . . . . . . . . . . . . . 15 14.7 pull-up or pull-down resistors on i/os lines . . 16 15 package outline . . . . . . . . . . . . . . . . . . . . . . . . 17 16 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 22 17 revision history . . . . . . . . . . . . . . . . . . . . . . . . 22 18 legal information. . . . . . . . . . . . . . . . . . . . . . . 23 18.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 23 18.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 18.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 18.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 24 19 contact information. . . . . . . . . . . . . . . . . . . . . 24 20 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25


▲Up To Search▲   

 
Price & Availability of NTS0102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X